Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STUD412S Fiches technique(PDF) 6 Page - SamHop Microelectronics Corp.

No de pièce STUD412S
Description  Super high dense cell design for low RDS(ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMHOP [SamHop Microelectronics Corp.]
Site Internet  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD412S Fiches technique(HTML) 6 Page - SamHop Microelectronics Corp.

  STUD412S Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD412S Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD412S Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD412S Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD412S Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD412S Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD412S Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD412S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
STU/D412S
Ver 1.0
www.samhop.com.tw
Aug,07,2008
6
PACKAGE OUTLINE DIMENSIONS
TO-251
E2
D
E
D1
12
3
L2
P
L1
H
B
B2
B1
E1
A
C
D3
A1
SYMBOL
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
2.100
2.500
A1
0.350
0.650
B
0.400
B1
0.650
1.050
0.500
B2
0.900
C
0.400
0.600
D
5.300
5.700
D1
4.900
5.300
6.700
D2
7.300
D3
7.000
8.000
H
13.700
E
6.300
6.700
E1
4.600
4.900
4.800
5.200
E2
L
1.300
L1
1.400
L
D2
L2
P
0.800
15.300
1.700
1.800
0.500
0.900
2.300 BSC
0.091 BSC
0.083
0.098
0.014
0.026
0.016
0.031
0.026
0.041
0.020
0.035
0.016
0.024
0.209
0.224
0.193
0.209
0.264
0.287
0.276
0.315
0.539
0.602
0.248
0.264
0.181
0.193
0.189
0.205
0.051
0.067
0.055
0.071
0.020
0.035



Html Pages

1 2 3 4 5 6 7 8