Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CUN6AF1B Fiches technique(PDF) 18 Page - Roithner LaserTechnik GmbH

No de pièce CUN6AF1B
Description  High power UV LED series are designed
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROITHNER [Roithner LaserTechnik GmbH]
Site Internet  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

CUN6AF1B Fiches technique(HTML) 18 Page - Roithner LaserTechnik GmbH

Back Button CUN6AF1B Datasheet HTML 11Page - Roithner LaserTechnik GmbH CUN6AF1B Datasheet HTML 12Page - Roithner LaserTechnik GmbH CUN6AF1B Datasheet HTML 13Page - Roithner LaserTechnik GmbH CUN6AF1B Datasheet HTML 14Page - Roithner LaserTechnik GmbH CUN6AF1B Datasheet HTML 15Page - Roithner LaserTechnik GmbH CUN6AF1B Datasheet HTML 16Page - Roithner LaserTechnik GmbH CUN6AF1B Datasheet HTML 17Page - Roithner LaserTechnik GmbH CUN6AF1B Datasheet HTML 18Page - Roithner LaserTechnik GmbH CUN6AF1B Datasheet HTML 19Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
서식Rev: 01
www.seoulviosys.com
www.seoulviosys.com
18
3) Safety for eyes and skin
•
The Products emit high intensity ultraviolet light which can make your eyes and skin harmful,
So do not look directly into the UV light and wear protective equipment during operation.
4) Cleaning
•
This device is not allowed to be used in any type of fluid such as water, oil, organic solvent ,
etc.
5) Others
•
The appearance and specifications of the product may be modified for improvement without
notice.
•
When the LEDs are in operation the maximum current should be decided after measuring the
package temperature.
•
The driving circuit must be designed to allow forward voltage only when it is ON or OFF. If the
reverse voltage is applied to LED, migration can be generated resulting in LED damage.
•
Do not handle this product with acid or sulfur material in sealed space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19