Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CRO2117A Fiches technique(PDF) 2 Page - Z-Communications, Inc

No de pièce CRO2117A
Description  Voltage-Controlled Oscillator Surface Mount Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZCOMM [Z-Communications, Inc]
Site Internet  http://www.zcomm.com
Logo ZCOMM - Z-Communications, Inc

CRO2117A Fiches technique(HTML) 2 Page - Z-Communications, Inc

  CRO2117A Datasheet HTML 1Page - Z-Communications, Inc CRO2117A Datasheet HTML 2Page - Z-Communications, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tuning Curve, typ.
2065
2070
2075
2080
2085
2090
2095
2100
2105
2110
2115
2120
2125
2130
2135
2140
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
°C
°C
°C
TUNING VOLTAGE (Vdc)
Power Curve, typ.
Footprint
Voltage-Controlled Oscillator
Surface Mount Module
CRO2117A
B2
Rev
0.030 MIN. CUTBACK
FROM LIVE PADS
RECOMMENDED FOOTPRINT
SEVERAL HOLES OF
0.015 ON
GND. PLANE ARE RECOMMENDED
FOR GOOD GROUNDING.
O
°C
°C
°C
LFSuffix = RoHS Compliant. All specifications are subject to change without notice.
© Z-Communications, Inc. All Rights Reserved.
Page 2 of 2
FRM-S-002 B
-40
85
25
-40
85
25
0
1
2
3
4
5
6
7
8
9
10
2071
2080
2087
2094
2101
2108
2115
2121
2127
2133
FREQUENCY (MHz)
Physical Dimensions



Html Pages

1 2