| Moteur de recherche de fiches techniques de composants électroniques |
|
CMSSH-3CE Fiches technique(PDF) 2 Page - Central Semiconductor Corp |
|
|
|||||||||||||||||||||||||||||
CMSSH-3CE Fiches technique(HTML) 2 Page - Central Semiconductor Corp |
|
2 / 2 page ![]() CMSSH-3E CMSSH-3CE CMSSH-3AE CMSSH-3SE ENHANCED SPECIFICATION SURFACE MOUNT SILICON SCHOTTKY DIODES LEAD CODE: 1) Cathode D2 2) Cathode D1 3) Anode D1, D2 MARKING CODE: 3AE CMSSH-3AE SOT-323 CASE - MECHANICAL OUTLINE PIN CONFIGURATIONS LEAD CODE: 1) Anode D2 2) Anode D1 3) Cathode D1, D2 MARKING CODE: 3CE CMSSH-3CE LEAD CODE: 1) Anode 2) NC 3) Cathode MARKING CODE: 31E CMSSH-3E LEAD CODE: 1) Anode D2 2) Cathode D1 3) Anode D1, Cathode D2 MARKING CODE: 3SE CMSSH-3SE www.centr a lsemi.com R2 (9-February 2010) |