Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STF445 Fiches technique(PDF) 5 Page - SamHop Microelectronics Corp.

No de pièce STF445
Description  Super high dense cell design for low RDS(ON).
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMHOP [SamHop Microelectronics Corp.]
Site Internet  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STF445 Fiches technique(HTML) 5 Page - SamHop Microelectronics Corp.

  STF445 Datasheet HTML 1Page - SamHop Microelectronics Corp. STF445 Datasheet HTML 2Page - SamHop Microelectronics Corp. STF445 Datasheet HTML 3Page - SamHop Microelectronics Corp. STF445 Datasheet HTML 4Page - SamHop Microelectronics Corp. STF445 Datasheet HTML 5Page - SamHop Microelectronics Corp. STF445 Datasheet HTML 6Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
STF445
Ver 1.0
www.samhop.com.tw
May,06,2013
5
QG - Gate Charge -nC
DYNAMIC INPUT CHARACTERISTICS
0.01
0.1
100
10
1
0.9
0.6
0.3
0
-VF(S-D) - Source to Drain Voltage - V
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
0
-50
15
60
45
30
150
100
50
0
Tch - Channel Temperature -
°C
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
ID = -2.8 A
75
VGS = -2.5 V
-3.1 V
-4.0 V
-4.5 V
0
0
4
3
2
16
12
8
4
1
1.8
1.5
1.2
VGS = 0 V
-3.7 V
20
VDD = -4 V
-10 V
-16 V
ID = -5.6 A
-ID - Drain Current - A
SWITCHING CHARACTERISTICS
1
0.1
10
100
10
1
tf
VDD = -16.0 V
VGS = -4.5 V
RG = 6
Ω
td(off)
0.1
10
100
100
10
1
-VDS - Drain to Source Voltage - V
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
1000
Coss
Crss
Ciss
td(on)
tr



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com