| Moteur de recherche de fiches techniques de composants électroniques |
|
KLC2 Fiches technique(PDF) 4 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
KLC2 Fiches technique(HTML) 4 Page - Littelfuse |
|
4 / 4 page ![]() 83 F G A B C E J H Fig. 4 Semiconductor Fuses 150/250/500/600/700 VAC s Very Fast-Acting s 1 – 1000 Amperes ABCD E F G H J 10 – 30 1 2 — 1/2 9/16 ————— (50.8) (12.7) (14.3) 31 – 60 3 2-7/8 3-7/16 3-25/32 4-3/8 1 43/64 11/32 1/8 — (73.0) (87.3) (96.0) (111.1) (25.4) (17.1) (8.7) (3.2) 61 – 100 3 2-7/8 3-9/16 3-11/16 4-3/8 1-7/32 29/32 5/16 3/16 — (73.0) (90.5) (93.7) (111.1) (31.0) (22.9) (7.9) (4.8) 101 – 200 3 2-27/32 3-17/32 4-5/32 5-3/32 1-1/2 1 13/32 1/4 — (72.2) (89.7) (105.6) (129.4) (38.1) (25.4) (10.3) (6.4) 201 – 400 3 2-27/32 3-17/32 4-5/32 5-3/32 2 1-1/2 13/32 1/4 — (72.2) (89.7) (105.6) (129.4) (50.8) (38.1) (10.3) (6.4) 401 – 600 3 2-27/32 4-29/32 5-1/4 7-3/32 2-1/2 2 17/32 3/8 — (72.2) (124.6) (133.4) (180.2) (63.5) (50.8) (13.5) (9.5) 601 – 800 4 3-5/16 5-5/16 6-13/16 — 2-7/8 2 5/8 3/8 5/16 (84.1) (134.9) (173.0) (73.0) (50.8) (15.9) (9.5) (7.9) AMPERE RATING DIMENSIONS IN INCHES (mm in parentheses) FIG. NO. L70S SERIES, 700 VOLTS AC / 650 VOLTS DC ABC D E F G H 1 – 30 2 1-7/8 2-1/2 — 2-7/8 9/16 13/32 1/4 3/64 (47.6) (63.5) (73.0) (14.3) (10.3) (6.4) (1.2) 31 – 60 2 2-3/4 3-3/8 3-5/8 4-5/16 13/16 23/32 11/32 1/8 (69.9) (85.7) (92.1) (109.5) (20.6) (18.3) (8.7) (3.2) 61 – 100 3 2-7/8 3-21/32 4-1/16 5 1 3/4 13/32 1/8 (73.0) (92.9) (103.2) (127.0) (25.4) (19.1) (10.3) (3.2) 101 – 200 3 2-27/32 3-17/32 4-3/8 5-3/32 1-1/2 1 13/32 1/4 (72.2) (89.7) (111.1) (129.4) (38.1) (25.4) (10.3) (6.4) 201 – 400 3 2-27/32 4-21/32 4-27/32 6-1/4 2 1-5/8 9/16 1/4 (72.2) (118.3) (123.0) (158.8) (50.8) (41.3) (14.3) (6.4) 401 – 800 3 2-27/32 4-21/32 5-11/32 6-1/4 2-1/2 2 9/16 3/8 (72.2) (118.3) (135.7) (158.8) (63.5) (50.8) (14.3) (9.5) AMPERE RATING DIMENSIONS IN INCHES (mm in parentheses) FIG. NO. KLC SERIES, 600 VOLTS AC ABC D E F G H 1 – 30 1 5 — 5/8 13/16 ———— (127.0) (15.9) (20.6) 31 – 60 2 2-25/32 3-7/16 3-11/16 4-3/8 13/16 23/32 11/32 1/8 (70.6) (87.3) (93.7) (111.1) (20.6) (18.3) (8.7) (3.2) 61 – 100 2 2-29/32 3-17/32 3-25/32 4-15/32 1-1/16 23/32 11/32 1/8 (73.8) (89.7) (96.0) (113.5) (27.0) (18.3) (8.7) (3.2) 101 – 200 2 2-29/32 3-9/16 3-3/4 4-13/32 1-5/16 1 5/16 3/16 (73.8) (90.5) (95.3) (111.9) (33.3) (25.4) (7.9) (4.8) 201 – 400 2 2-29/32 3-31/32 4-5/32 5-1/8 1-37/64 1 13/32 1/4 (73.8) (100.8) (105.6) (130.2) (40.1) (25.4) (10.3) (6.4) 401 – 600 2 2-7/8 3-31/32 4-9/64 5-1/8 2-1/16 1-1/2 13/32 1/4 (73.0) (100.8) (105.2) (130.2) (52.8) (38.1) (10.3) (6.4) 601 – 800 2 3-1/32 5-5/32 5-11/32 7-1/4 2-1/2 2 17/32 3/8 (77.0) (133.4) (135.7) (184.2) (63.5) (50.8) (13.5) (9.5) AMPERE RATING DIMENSIONS IN INCHES (mm in parentheses) FIG. NO. L60S SERIES, 600 VOLTS AC A B C D F G E H Fig. 3 |