Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZRO0800A1 Fiches technique(PDF) 2 Page - Z-Communications, Inc

No de pièce ZRO0800A1
Description  Voltage-Controlled Oscillator Surface Mount Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZCOMM [Z-Communications, Inc]
Site Internet  http://www.zcomm.com
Logo ZCOMM - Z-Communications, Inc

ZRO0800A1 Fiches technique(HTML) 2 Page - Z-Communications, Inc

  ZRO0800A1 Datasheet HTML 1Page - Z-Communications, Inc ZRO0800A1 Datasheet HTML 2Page - Z-Communications, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tuning Curve, typ.
785
790
795
800
805
810
815
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
°C
°C
°C
TUNING VOLTAGE (Vdc)
Power Curve, typ.
Footprint
Voltage-Controlled Oscillator
Surface Mount Module
ZRO0800A1
A1
Rev
0.030 MIN. CUTBACK
FROM LIVE PADS
RECOMMENDED FOOTPRINT
SEVERAL HOLES OF
0.015 ON
GND. PLANE ARE RECOMMENDED
FOR GOOD GROUNDING.
O
°C
°C
°C
LFSuffix = RoHS Compliant. All specifications are subject to change without notice.
© Z-Communications, Inc. All Rights Reserved.
Page 2 of 2
FRM-S-002 B
-40
85
25
-40
85
25
-2
-1
0
1
2
3
4
5
6
786
790
793
796
798
801
803
806
808
810
FREQUENCY (MHz)
Physical Dimensions



Html Pages

1 2