Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CMSD6263 Fiches technique(PDF) 2 Page - Central Semiconductor Corp

No de pièce CMSD6263
Description  SILICON SCHOTTKY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CENTRAL [Central Semiconductor Corp]
Site Internet  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMSD6263 Fiches technique(HTML) 2 Page - Central Semiconductor Corp

  CMSD6263 Datasheet HTML 1Page - Central Semiconductor Corp CMSD6263 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMSD6263
CMSD6263A
CMSD6263C
CMSD6263S
SURFACE MOUNT
SILICON SCHOTTKY DIODES
LEAD CODE:
1) Cathode D2
2) Cathode D1
3) Anode D1, D2
MARKING CODE: 98D
CMSD6263A
SOT-323 CASE - MECHANICAL OUTLINE
PIN CONFIGURATIONS
LEAD CODE:
1) Anode D2
2) Anode D1
3) Cathode D1, D2
MARKING CODE: 97D
CMSD6263C
LEAD CODE:
1) Anode
2) NC
3) Cathode
MARKING CODE: 76D
CMSD6263
LEAD CODE:
1) Anode D2
2) Cathode D1
3) Anode D1, Cathode D2
MARKING CODE: 96D
CMSD6263S
www.centralsemi.com
R3 (8-February 2010)



Html Pages

1 2