| Moteur de recherche de fiches techniques de composants électroniques |
|
CMPD6263 Fiches technique(PDF) 2 Page - Central Semiconductor Corp |
|
|
|||||||||||||||||||||||||||||
CMPD6263 Fiches technique(HTML) 2 Page - Central Semiconductor Corp |
|
2 / 2 page ![]() CMPD6263 CMPD6263A CMPD6263C CMPD6263S SURFACE MOUNT SILICON SCHOTTKY DIODES SOT-23 CASE - MECHANICAL OUTLINE LEAD CODE: 1) Anode 2) No Connection 3) Cathode MARKING CODE: D76 LEAD CODE: 1) Anode D2 2) Cathode D1 3) Anode D1, Cathode D2 MARKING CODE: D96 LEAD CODE: 1) Cathode D2 2) Cathode D1 3) Anode D1, D2 MARKING CODE: D98 CMPD6263 CMPD6263A CMPD6263S PIN CONFIGURATIONS LEAD CODE: 1) Anode D2 2) Anode D1 3) Cathode D1, D2 MARKING CODE: D97 CMPD6263C www.centralsemi.com R6 (27-January 2010) |