Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UVLED365-SMD Fiches technique(PDF) 6 Page - Roithner LaserTechnik GmbH

No de pièce UVLED365-SMD
Description  365 nm SMD UVLED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROITHNER [Roithner LaserTechnik GmbH]
Site Internet  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

UVLED365-SMD Fiches technique(HTML) 6 Page - Roithner LaserTechnik GmbH

  UVLED365-SMD Datasheet HTML 1Page - Roithner LaserTechnik GmbH UVLED365-SMD Datasheet HTML 2Page - Roithner LaserTechnik GmbH UVLED365-SMD Datasheet HTML 3Page - Roithner LaserTechnik GmbH UVLED365-SMD Datasheet HTML 4Page - Roithner LaserTechnik GmbH UVLED365-SMD Datasheet HTML 5Page - Roithner LaserTechnik GmbH UVLED365-SMD Datasheet HTML 6Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
18.08.2010
uvled365_smd.doc
6 of 6
4. Static Electricity
• The LEDs are very sensitive to Static Electricity and surge voltage. So it is recommended
that a wrist band or an anti-electrostatic glove be used when handling the LEDs.
• All devices, equipment and machinery must be grounded properly. It is recommended that
precautions should be taken against surge voltage to the equipment that mounts the LEDs.
5. Heat Generation
• The powered LEDs generate heat. Heat dissipation should be considered in the application
design to avoid the environmental conditions for operation in excess of the absolute
maximum ratings.
Outline Dimensons



Html Pages

1 2 3 4 5 6