Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMC735 Fiches technique(PDF) 2 Page - Roithner LaserTechnik GmbH

No de pièce SMC735
Description  Visible LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROITHNER [Roithner LaserTechnik GmbH]
Site Internet  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SMC735 Fiches technique(HTML) 2 Page - Roithner LaserTechnik GmbH

  SMC735 Datasheet HTML 1Page - Roithner LaserTechnik GmbH SMC735 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
14.11.2013
SMC735
2 of 2
•
DO NOT apply any stress to the lead particularly when heat.
•
After soldering the LEDs should be protected from mechanical shock or vibration until the LEDs
return to room temperature.
•
When it is necessary to clamp the LEDs to prevent soldering failure, it is important to minimize the
mechanical stress on the LEDs.
Temperature Profile
PCB Footprint Layout
(Unit: mm)
Static Electricity
•
LEDs are very sensitive to Static Electricity and surge voltage. It is recommended to always wear
a wrist band or an anti-electrostatic glove when handling the LEDs.
•
All devices, equipment and machinery must be grounded properly. It is recommended that
precautions should be taken against surge voltage to the equipment that mounts the LEDs.
Soldering Conditions



Html Pages

1 2