| Moteur de recherche de fiches techniques de composants électroniques |
|
SMC700 Fiches technique(PDF) 2 Page - Roithner LaserTechnik GmbH |
|
|
|||||||||||||||||||||||||||||
SMC700 Fiches technique(HTML) 2 Page - Roithner LaserTechnik GmbH |
|
2 / 2 page ![]() 14.11.2013 SMC700 2 of 2 • DO NOT apply any stress to the lead particularly when heat. • After soldering the LEDs should be protected from mechanical shock or vibration until the LEDs return to room temperature. • When it is necessary to clamp the LEDs to prevent soldering failure, it is important to minimize the mechanical stress on the LEDs. Temperature Profile PCB Footprint Layout (Unit: mm) Static Electricity • LEDs are very sensitive to Static Electricity and surge voltage. It is recommended to always wear a wrist band or an anti-electrostatic glove when handling the LEDs. • All devices, equipment and machinery must be grounded properly. It is recommended that precautions should be taken against surge voltage to the equipment that mounts the LEDs. Soldering Conditions |