Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

05WS16 Fiches technique(PDF) 1 Page - Leshan Radio Company

No de pièce 05WS16
Description  05W 05WS SERIES ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LRC [Leshan Radio Company]
Site Internet  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

05WS16 Fiches technique(HTML) 1 Page - Leshan Radio Company

  05WS16 Datasheet HTML 1Page - Leshan Radio Company 05WS16 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
1B–1/2
05W
500mW,DO-35
05WS
400mW,DO-34
NOTE: 05W series is for 500mW,DO-35 package; 05WS series is for 400mW,DO-34 package.
05W 05WS
05W 05WS SERIES ZENER DIODES
05W 05WS SERIES
ZENER DIODES
TYPE
Electrical Characteristics
Package
Dimensions
Vz ( V )
-1
-2
-3
Min
Max
Min
Max
Min
Max
I R @ V R
(
µA)(V)
C
A
B
C
A
B
C
A
B
C
A
B
C
A
B
C
A
B
C
A
B
C
A
B
C
A
B
C
Class
@ I Z
mA
R d @ I Z
(W)(mA)
R Z @ I Z
mV / °CmA
-
1.6
1.9
2.2
2.5
2.8
3.1
3.4
3.7
4.0
4.3
4.6
4.9
5.2
5.5
5.8
6.3
6.7
7.2
7.7
8.3
8.9
9.5
10.2
10.9
11.6
12.4
13.2
-
1.8
2.1
2.4
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.5
5.8
6.1
6.6
7.0
7.6
8.1
8.7
9.3
9.9
10.6
11.3
12.1
12.9
13.7
-
1.7
2.0
2.3
2.6
2.9
3.2
3.5
3.8
4.1
4.4
4.7
5.0
5.3
5.6
6.0
6.4
6.9
7.3
7.9
8.5
9.1
9.7
10.4
11.1
11.9
12.6
13.5
-
1.9
2.2
2.5
2.8
3.1
3.4
3.7
4.0
4.3
4.6
4.9
5.2
5.6
5.9
6.3
6.7
7.2
7.7
8.3
8.9
9.5
10.1
10.8
11.6
12.4
13.1
14.0
1.5
1.8
2.1
2.4
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
5.7
6.1
6.6
7.0
7.5
8.1
8.7
9.3
9.9
10.7
11.4
12.2
12.9
13.8
1.7
2.0
2.3
2.6
2.9
3.2
3.5
3.8
4.1
4.4
4.7
5.0
5.3
5.7
6.0
6.4
6.9
7.3
7.9
8.5
9.1
9.7
10.3
11.1
11.9
12.7
13.4
14.3
5
05W1,05WS1
05W2,05WS2
05W3,05WS3
05W4,05WS4
05W5,05WS5
05W6,05WS6
05W7,05WS7
05W9,05WS9
05W11,05WS11
05W12,05WS12
25
25
2
1
1
5
1
0.5
1.0
1.5
2.0
3.5
5.0
7.5
9.5
100
35
15
20
25
35
5
-1.5
-2.0
0.4
3.0
5.0
7.5
8.2
5.0
DO-34
(mm)
DO-35
(mm)


Numéro de pièce similaire - 05WS16

FabricantNo de pièceFiches techniqueDescription
logo
Rosenberger Hochfrequen...
05W00K-000 ROSENBERGER-05W00K-000 Datasheet
161Kb / 3P
Calibration Kit
05W00K-000 ROSENBERGER-05W00K-000 Datasheet
68Kb / 2P
GAUGE KIT
05W00S-000 ROSENBERGER-05W00S-000 Datasheet
161Kb / 3P
Calibration Kit
05W00S-000 ROSENBERGER-05W00S-000 Datasheet
68Kb / 2P
GAUGE KIT
logo
HB Electronic Component...
05W08EW6C HB-05W08EW6C Datasheet
1Mb / 8P
High bright output
More results

Description similaire - 05WS16

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
MTZJ LRC-MTZJ Datasheet
34Kb / 2P
MTZJ SERIES ZENER DIODES
1N992A LRC-1N992A Datasheet
33Kb / 1P
1N9 SERIES ZENER DIODES
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
logo
Panasonic Semiconductor
DZ2W03900L PANASONIC-DZ2W03900L Datasheet
609Kb / 2P
NEW Zener Diodes Series 1W/2W Zener Diodes Series
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
logo
RFE international
1N533B RFE-1N533B Datasheet
2Mb / 5P
Zener Diodes 1N53 Series
06-06-2022
1N5913B RFE-1N5913B Datasheet
808Kb / 5P
Zener Diodes 1N59 Series
AUG-04-2023
BZX55C2V0 RFE-BZX55C2V0 Datasheet
1Mb / 2P
Zener Diodes BZX Series
06-06-2022
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com