Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSHDD16-40C Fiches technique(PDF) 2 Page - Central Semiconductor Corp

No de pièce CSHDD16-40C
Description  SCHOTTKY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CENTRAL [Central Semiconductor Corp]
Site Internet  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CSHDD16-40C Fiches technique(HTML) 2 Page - Central Semiconductor Corp

  CSHDD16-40C Datasheet HTML 1Page - Central Semiconductor Corp CSHDD16-40C Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CSHDD16-40C
CSHDD16-100C
CSHDD16-60C
CSHDD16-200C
SURFACE MOUNT SILICON
DUAL, COMMON CATHODE
SCHOTTKY RECTIFIERS
16 AMP, 40 THRU 200 VOLT
D2PAK CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Anode D1
2) Cathode D1, D2
3) Anode D2
4) Cathode D1, D2
Pin 2 is Common to the Tab (4)
www.centr a lsemi.com
R7 (19-February 2014)



Html Pages

1 2