Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CBAT54CW Fiches technique(PDF) 2 Page - Central Semiconductor Corp

No de pièce CBAT54CW
Description  SURFACE MOUNT SILICON SCHOTTKY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CENTRAL [Central Semiconductor Corp]
Site Internet  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CBAT54CW Fiches technique(HTML) 2 Page - Central Semiconductor Corp

  CBAT54CW Datasheet HTML 1Page - Central Semiconductor Corp CBAT54CW Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CBAT54W
CBAT54AW
CBAT54CW
CBAT54SW
SURFACE MOUNT
SILICON SCHOTTKY DIODES
SOT-323 CASE - MECHANICAL OUTLINE
MARKING
CODE: C4C
MARKING
CODE: C44
MARKING
CODE: C4L
MARKING
CODE: C42
LEAD CODE:
LEAD CODE:
LEAD CODE:
LEAD CODE:
1) Anode
1) Cathode D2
1) Anode D2
1) Anode D2
2) No Connection
2) Cathode D1
2) Anode D1
2) Cathode D1
3) Cathode
3) Anode D1, D2
3) Cathode D1, D2
3) Anode D1, Cathode D2
CBAT54W
CBAT54AW
CBAT54SW
CBAT54CW
www.centralsemi.com
R1 (4-January 2010)



Html Pages

1 2