Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LED1050 Fiches technique(PDF) 7 Page - Roithner LaserTechnik GmbH

No de pièce LED1050
Description  Infrared LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROITHNER [Roithner LaserTechnik GmbH]
Site Internet  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED1050 Fiches technique(HTML) 7 Page - Roithner LaserTechnik GmbH

  LED1050 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED1050 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED1050 Datasheet HTML 3Page - Roithner LaserTechnik GmbH LED1050 Datasheet HTML 4Page - Roithner LaserTechnik GmbH LED1050 Datasheet HTML 5Page - Roithner LaserTechnik GmbH LED1050 Datasheet HTML 6Page - Roithner LaserTechnik GmbH LED1050 Datasheet HTML 7Page - Roithner LaserTechnik GmbH LED1050 Datasheet HTML 8Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
21.11.2011
LED1050-series
7 of 8
Peak Wavelength
Peak Wavelength – Ambient Temperature
Precaution for Use
1. Cautions
• DO NOT look directly into the emitted light or look through the optical system. To prevent in
adequate exposure of the radiation, wear protective glasses.
• The LEDs are emitting invisible light.
2. Lead Forming
• When forming leads, the leads should be bent at a point at least 3 mm from the base of the
lead. DO NOT use the base of the leadframe as a fulcrum during lead forming.
• Lead forming should be done before soldering.
• DO NOT apply any bending stress to the base of the lead. The stress to the base may
damage the LED’s characteristics or it may break the LEDs.
• When mounted the LEDs onto the printed circuit board, the holes on the circuit board should
be exactly aligned with the leads of LEDs. If the LEDs are mounted with stress at the leads, it
causes deterioration of the lead and it will degrade the LEDs.



Html Pages

1 2 3 4 5 6 7 8