| Moteur de recherche de fiches techniques de composants électroniques |
|
LF48908 Fiches technique(PDF) 16 Page - LOGIC Devices Incorporated |
|
|
|||||||||||||||||||||||||||||
LF48908 Fiches technique(HTML) 16 Page - LOGIC Devices Incorporated |
|
16 / 16 page ![]() DEVICES INCORPORATED LF48908 Two Dimensional Convolver 16 Video Imaging Products 08/9/2000–LDS.48908-J 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121 Ceramic Pin Grid Array (G6) ORDERING INFORMATION 0°C to +70°C — COMMERCIAL SCREENING Speed –55°C to +125°C — MIL-STD-883 COMPLIANT –55°C to +125°C — COMMERCIAL SCREENING 84-pin A B C D E F G H J K L Top View Through Package (i.e., Component Side Pinout) 12345 6 7 8 9 10 11 CIN0 CIN3 CIN4 CIN7 GND VCC A2 EALU CASI13 CASI11 CASI9 DIN7 CIN1 CIN9 HOLD LD CASI10 CASI8 DIN5 DIN6 CASI7 CASI6 DIN2 DIN3 DIN4 CASI5 CASI4 CASI3 DIN1 CASO0 DIN0 CASI2 VCC RESET OE GND VCC CASI1 FRAME CASI0 CASO1 CASO2 DOUT19 GND CIN2 CIN5 CIN6 CIN8 CLK A1 CS A0 CASI15 CASI14 CASI12 CASO3 GND DOUT3 DOUT7 VCC DOUT16 DOUT18 CASO4 CASO5 CASO7 DOUT2 DOUT4 DOUT9 GND DOUT11 DOUT14 GND DOUT17 CASO6 DOUT0 DOUT1 GND DOUT5 DOUT6 DOUT8 DOUT10 DOUT12 DOUT13 DOUT15 Discontinued Package |