Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LED660N-03 Fiches technique(PDF) 3 Page - Roithner LaserTechnik GmbH

No de pièce LED660N-03
Description  Infrared LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROITHNER [Roithner LaserTechnik GmbH]
Site Internet  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED660N-03 Fiches technique(HTML) 3 Page - Roithner LaserTechnik GmbH

  LED660N-03 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED660N-03 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED660N-03 Datasheet HTML 3Page - Roithner LaserTechnik GmbH LED660N-03 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
12.12.2011
LED660N-03
3 of 4
Outer Dimensions
Precaution for Use
1. Cautions
• DO NOT look directly into the emitted light or look through the optical system. To prevent in adequate
exposure of the radiation, wear protective glasses
.
2. Lead Forming
•
When forming leads, the leads should be bent at a point at least 3 mm from the base of the lead. DO
NOT use the base of the leadframe as a fulcrum during lead forming.
•
Lead forming should be done before soldering.
•
DO NOT apply any bending stress to the base of the lead. The stress to the base may damage the
LED’s characteristics or it may break the LEDs.
•
When mounted the LEDs onto the printed circuit board, the holes on the circuit board should be
exactly aligned with the leads of LEDs. If the LEDs are mounted with stress at the leads, it causes
deterioration of the lead and it will degrade the LEDs.



Html Pages

1 2 3 4