Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD78323LP Fiches technique(PDF) 3 Page - NEC

No de pièce UPD78323LP
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD78323LP Fiches technique(HTML) 3 Page - NEC

  UPD78323LP Datasheet HTML 1Page - NEC UPD78323LP Datasheet HTML 2Page - NEC UPD78323LP Datasheet HTML 3Page - NEC UPD78323LP Datasheet HTML 4Page - NEC UPD78323LP Datasheet HTML 5Page - NEC UPD78323LP Datasheet HTML 6Page - NEC UPD78323LP Datasheet HTML 7Page - NEC UPD78323LP Datasheet HTML 8Page - NEC UPD78323LP Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 86 page
background image
3
µPD78323, 78324
PIN CONFIGURATION
•
74-pin plastic QFP (20
× 20 mm)
µPD78323GJ-5BJ
µPD78324GJ-×××-5BJ
74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57
19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37
P00/RTP0
WDTO
VSS
NC
X1
X2
RESET
P85/TO11
P84/TO10
P83/TO03
P82/TO02
P81/TO01
P80/TO00
NC
P34/SCK
P33/SI/SB1
P32/SO/SB0
P31/RXD
P30/TXD
P43/AD3
P44/AD4
P45/AD5
P46/AD6
P47/AD7
P50/A8
P51/A9
P52/A10
P53/A11
P54/A12
P55/A13
NC
P56/A14
P57/A15
VDD
AVSS
P70/AN0
P71/AN1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
Caution
The NC pin should be connected to VSS for noise control (can also be left open).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86