Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAV70LP Fiches technique(PDF) 3 Page - Diodes Incorporated

No de pièce BAV70LP
Description  DUAL SURFACE MOUNT SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV70LP Fiches technique(HTML) 3 Page - Diodes Incorporated

  BAV70LP_15 Datasheet HTML 1Page - Diodes Incorporated BAV70LP_15 Datasheet HTML 2Page - Diodes Incorporated BAV70LP_15 Datasheet HTML 3Page - Diodes Incorporated BAV70LP_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAV70LP
Document number: DS31597 Rev. 4 - 2
3 of 4
www.diodes.com
January 2012
© Diodes Incorporated
BAV70LP
0
100
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Power Derating Curve
A
200
300
400
500
Note 4
0.01
0.1
1
10
100
1,000
0
0.2
0.4
0.6
0.8
1.0
1.2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics, Per Element
F
0
20
40
60
80
100
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 3 Typical Reverse Characteristics, Per Element
R
0.0001
0.001
0.01
0.1
1
10
100
T = -
ºC
A
55
T = 25ºC
A
T = 5ºC
A
8
T = 125ºC
A
T = 150ºC
A
0.70
0.80
0.90
1.00
1.10
110
100
V , DC REVERSE VOLTAGE (V)
Fig. 4 Total Capacitance vs. Reverse Voltage, Per Element
R
Package Outline Dimensions
X1-DFN1006-3
Dim
Min
Max
Typ
A
0.47
0.53
0.50
A1
0
0.05
0.03
b1
0.10
0.20
0.15
b2
0.45
0.55
0.50
D
0.95
1.075
1.00
E
0.55
0.675
0.60
e
⎯
⎯
0.35
L1
0.20
0.30
0.25
L2
0.20
0.30
0.25
L3
⎯
⎯
0.40
All Dimensions in mm
L2
A1
E
b2
L1
L3
D
e
b1
A



Html Pages

1 2 3 4