| Moteur de recherche de fiches techniques de composants électroniques |
|
C503B-R-A Fiches technique(PDF) 6 Page - Marktech Corporate |
|
|
|||||||||||||||||||||||||||||
C503B-R-A Fiches technique(HTML) 6 Page - Marktech Corporate |
|
6 / 13 page ![]() 6 CLD-CT1079.000 Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. Order Code Table* Color Kit Number Viewing Angle Luminous Intensity (mcd) Dominant Wavelength Package Standoff Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Amber C503B-AAS-CY0B0251 15 5860 23500 A2 584 A5 596 Bulk Yes Amber C503B-AAS-CY0Z0341 15 5860 12000 A3 587 A4 593 Bulk Yes Amber C503B-AAS-CZ0A0341 15 8200 16800 A3 587 A4 593 Bulk Yes Amber C503B-AAN-CY0B0251 15 5860 23500 A2 584 A5 596 Bulk No Amber C503B-AAN-CY0Z0341 15 5860 12000 A3 587 A4 593 Bulk No Amber C503B-AAN-CZ0A0341 15 8200 16800 A3 587 A4 593 Bulk No Amber C503B-AAS-CY0B0252 15 5860 23500 A2 584 A5 596 Ammo Yes Amber C503B-AAS-CY0Z0342 15 5860 12000 A2 587 A4 593 Ammo Yes Amber C503B-AAS-CZ0A0342 15 8200 16800 A3 587 A4 593 Ammo Yes Amber C503B-AAN-CY0B0252 15 5860 23500 A2 584 A5 596 Ammo No Amber C503B-AAN-CY0Z0342 15 5860 12000 A2 587 A4 593 Ammo No Amber C503B-AAN-CZ0A0342 15 8200 16800 A3 587 A4 593 Ammo No Color Kit Number Viewing Angle Luminous Intensity (mcd) Dominant Wavelength Package Standoff Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Amber C503B-ABS-CW0Z0251 23 3000 12000 A2 584 A5 596 Bulk Yes Amber C503B-ABS-CW0X0341 23 3000 5860 A3 587 A4 593 Bulk Yes Amber C503B-ABS-CX0Y0341 23 4180 8200 A3 587 A4 593 Bulk Yes Amber C503B-ABN-CW0Z0251 23 3000 12000 A2 584 A5 596 Bulk No Amber C503B-ABN-CW0X0341 23 3000 5860 A3 587 A4 593 Bulk No Amber C503B-ABN-CX0Y0341 23 4180 8200 A3 587 A4 593 Bulk No Amber C503B-ABS-CW0Z0252 23 3000 12000 A2 584 A5 596 Ammo Yes Amber C503B-ABS-CW0X0342 23 3000 5860 A3 587 A4 593 Ammo Yes Amber C503B-ABS-CX0Y0342 23 4180 8200 A3 587 A4 593 Ammo Yes Amber C503B-ABN-CW0Z0252 23 3000 12000 A2 584 A5 596 Ammo No Amber C503B-ABN-CW0X0342 23 3000 5860 A3 587 A4 593 Ammo No Amber C503B-ABN-CX0Y0342 23 4180 8200 A3 587 A4 593 Ammo No Amber (15 degree) Amber (23 degree) |