| Moteur de recherche de fiches techniques de composants électroniques |
|
LTC7543KSW Fiches technique(PDF) 4 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC7543KSW Fiches technique(HTML) 4 Page - Linear Technology |
|
4 / 8 page ![]() 4 LTC7543/LTC8143 VDD = 5V, VREF = 10V, VOUT1 = VOUT2 = AGND = DGND = 0V, TA = TMIN to TMAX, unless otherwise specified. ELECTRICAL CHARACTERISTICS – LTC7543/LTC8143 The q denotes specifications which apply over the full operating temperature range. Note 1: ±0.5LSB = ±0.012% of full scale. Note 2: Using internal feedback resistor. Note 3: Guaranteed by design, not subject to test. Note 4: IOUT1 with DAC register loaded with all 0s or IOUT2 with DAC register loaded with all 1s. Note 5: Typical temperature coefficient is 100ppm/ °C. Note 6: OUT 1 load = 100 Ω in parallel with 13pF. Note 7: To 0.01% for a full-scale change, measured from falling edge of LD1 or LD2. Note 8: VREF = 0V. DAC register contents changed from all 0s to all 1s or from all 1s to all 0s. Note 9: VREF = 6VRMS at 1kHz. DAC register loaded with all 1s. Note 10: Calculation from en = √4KTRB where: K = Boltzmann constant (J/K °); R = resistance (Ω); T = resistor temperature (°K); B = bandwidth (Hz). Note 11: Minimum high time for STB1, STB2, STB4. Minimum low time for STB3. Note 12. Minimum low time for STB1, STB2, STB4. Minimum high time for STB3. LTC7543/LTC8143 ALL GRADES SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS Timing Characteristics (Note 3) tDS1 Serial Input to Strobe Setup Time STB1 Used as the Strobe q 50 5 ns tDS2 STB2 Used as the Strobe q 20 – 5 ns tDS3 STB3 Used as the Strobe q 0– 30 ns tDS4 STB4 Used as the Strobe q 0– 30 ns tDH1 Serial Input to Strobe Hold Time STB1 Used as the Strobe q 30 10 ns tDH2 STB2 Used as the Strobe q 50 25 ns tDH3 STB3 Used as the Strobe q 80 55 ns tDH4 STB4 Used as the Strobe q 80 55 ns tSRI Serial Input Data Pulse Width q 80 ns tSTB1, tSTB2, Strobe Pulse Width (Note 11) q 80 ns tSTB3, tSTB4 tSTB1, tSTB2, Strobe Pulse Width (Note 12) q 80 ns tSTB3, tSTB4 tLD1, tLD2 Load Pulse Width q 140 ns tASB LSB Strobed into Input Register q 0ns to Load DAC Register Time tCLR Clear Pulse Width q 80 ns SRO Timing Characteristics (LTC8143 Only) tPD STB2, STB3, STB4 Strobe to SRO CL = 50pF q 220 120 ns Propagation Delay tPD1 STB1 to SRO Propagation Delay CL = 50pF q 150 80 ns Power Supply VDD Supply Voltage q 4.75 5 5.25 V IDD Supply Current Digital Inputs = 0V or VDD q 0.1 mA Digital Inputs = VIH or VIL q 2mA (tSTB = 80ns) (tSTB = 80ns) |