Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LED570-03 Fiches technique(PDF) 3 Page - Roithner LaserTechnik GmbH

No de pièce LED570-03
Description  Visible LED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROITHNER [Roithner LaserTechnik GmbH]
Site Internet  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED570-03 Fiches technique(HTML) 3 Page - Roithner LaserTechnik GmbH

  LED570-03 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED570-03 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED570-03 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
21.11.2011
LED570-03
3 of 3
Soldering Conditions
4. Static Electricity
• The LEDs are very sensitive to Static Electricity and surge voltage. So it is recommended
that a wrist band or an anti-electrostatic glove be used when handling the LEDs.
All devices, equipment and machinery must be grounded properly. It is recommended that
precautions should be taken against surge voltage to the equipment that mounts the LEDs.



Html Pages

1 2 3