Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LED565-33U Fiches technique(PDF) 3 Page - Roithner LaserTechnik GmbH

No de pièce LED565-33U
Description  Visible LED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROITHNER [Roithner LaserTechnik GmbH]
Site Internet  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED565-33U Fiches technique(HTML) 3 Page - Roithner LaserTechnik GmbH

  LED565-33U Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED565-33U Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED565-33U Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
21.11.2011
LED565-33U
3 of 3
Soldering Conditions
4. Static Electricity
• The LEDs are very sensitive to Static Electricity and surge voltage. So it is recommended
that a wrist band or an anti-electrostatic glove be used when handling the LEDs.
• All devices, equipment and machinery must be grounded properly. It is recommended that
precautions should be taken against surge voltage to the equipment that mounts the LEDs.



Html Pages

1 2 3