| Moteur de recherche de fiches techniques de composants électroniques |
|
LTC1998CS6 Fiches technique(PDF) 5 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1998CS6 Fiches technique(HTML) 5 Page - Linear Technology |
|
5 / 8 page ![]() LTC1998 5 1998fa Output Low Voltage vs Load Current Output High Voltage vs Load Current Output Short-Circuit Current vs Supply Voltage OUTPUT SINK CURRENT (mA) 1 1998 G07 23 4 5 0.6 0.4 0.2 0 TA = 25°C VLOGIC = VBATT = 3V TA = –40°C TA = 85°C TA = 25°C OUTPUT SOURCE CURRENT (mA) 1 1998 G08 23 4 5 0 –50 –100 –150 –200 –250 TA = 25°C VLOGIC = VBATT TA = 85°C TA = –40°C BATT = 3V BATT = 5V TA = 25°C TA = –40°C TA = 85°C TA = 25°C SUPPLY VOLTAGE (V) 1.0 1.5 2.5 3.5 4.5 5.5 120 100 80 60 40 20 0 2.0 3.0 4.0 5.0 1998 G09 6.0 SOURCE CURRENT, BATTLO SHORTED TO GND SINK CURRENT, BATTLO SHORTED TO VLOGIC TA = 25°C VBATT = VLOGIC TYPICAL PERFORMANCE CHARACTERISTICS |