| Moteur de recherche de fiches techniques de composants électroniques |
|
LTC1842CS8 Fiches technique(PDF) 2 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1842CS8 Fiches technique(HTML) 2 Page - Linear Technology |
|
2 / 12 page ![]() 2 LTC1841/LTC1842/LTC1843 ABSOLUTE MAXIMUM RATINGS (Note 1) Voltage V + to V – ................................................12V to – 0.3V IN +, IN –, HYST ................. (V + + 0.3V) to (V – – 0.3V) REF ................................... (V + + 0.3V) to (V – – 0.3V) OUT ................................................ 12V to (V – – 0.3V) Current IN +, IN –, HYST ................................................. 20mA REF ................................................................... 20mA OUT .................................................................. 50mA OUT Short-Circuit Duration (V + ≤ 5.5V) ...... Continuous Power Dissipation ............................................. 500mW Operating Temperature Range LTC1841C/LTC1842C/LTC1843C ........... 0 °C to 70°C LTC1841I/LTC1842I/LTC1843I .......... – 40 °C to 85°C Storage Temperature Range ................ – 65 °C to 150°C Lead Temperature (Soldering, 10 sec).................. 300 °C PACKAGE/ORDER INFORMATION 1 2 3 4 8 7 6 5 TOP VIEW OUT A V – IN A+ IN A– OUT B V + IN B+ IN B– S8 PACKAGE 8-LEAD PLASTIC SO 1841 1841I S8 PART MARKING 1 2 3 4 8 7 6 5 TOP VIEW OUT A V– IN A+ IN B+ OUT B V+ REF HYST S8 PACKAGE 8-LEAD PLASTIC SO 1 2 3 4 8 7 6 5 TOP VIEW OUT A V– IN A+ IN B– OUT B V+ REF HYST S8 PACKAGE 8-LEAD PLASTIC SO TJMAX = 150°C, θJA = 125°C/ W TJMAX = 150°C, θJA = 125°C/ W TJMAX = 150°C, θJA = 125°C/ W ORDER PART NUMBER LTC1841CS8 LTC1841IS8 S8 PART MARKING ORDER PART NUMBER S8 PART MARKING 1842 1842I LTC1842CS8 LTC1842IS8 ORDER PART NUMBER LTC1843CS8 LTC1843IS8 1843 1843I ELECTRICAL CHARACTERISTICS V+ = 5V, V– = 0V, TA = 25°C unless otherwise noted. Consult factory for Military grade parts. SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS Power Supply V + Supply Voltage Range LTC1841 q 2.0 11 V LTC1842/LTC1843 q 2.5 11 V ICC Supply Current HYST = REF (Note 2) q 3.5 5.7 µA Comparator VOS Comparator Input Offset Voltage (Note 3) q ±3 ±10 mV IIN Input Leakage Current (IN +, IN –)IN + = IN – = 2.5V (LTC1841), q ±0.01 ±1.0 nA IN + = IN – = VREF (LTC1842/LTC1843) VIN Comparator Input Voltage Range q V – V + – 1.3V V PSRR Power Supply Rejection Ratio V + = 2V to 11V (LTC1841), 0.1 1 mV/V V + = 2.5V to 11V (LTC1842/LTC1843) CMRR Common Mode Rejection Ratio VCM = V– to (V+ – 1.3V) LTC1841 q 0.1 1 mV/V VHYST Hysteresis Input Voltage Range LTC1842/LTC1843 q VREF – 50mV VREF V |