Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ROITHNER635 Fiches technique(PDF) 2 Page - Roithner LaserTechnik GmbH

No de pièce ROITHNER635
Description  Red Laser Pointer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROITHNER [Roithner LaserTechnik GmbH]
Site Internet  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

ROITHNER635 Fiches technique(HTML) 2 Page - Roithner LaserTechnik GmbH

  ROITHNER635 Datasheet HTML 1Page - Roithner LaserTechnik GmbH ROITHNER635 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.roithner-laser.com
2
Safety Instructions
• This laser is intended for pointing out details on objects/blackboards during lecturing
• Laser radiation, direct and indirect can be dangerous to the naked eye
o
Before operating the laser pointer make sure nobody is in or near the projection area
o
Do not look into the laser beam
o
Do not point the laser into the sky
o
Do not point the laser towards other humans or animals
o
Do not point the laser towards vehicles
o
Do not point the laser at mirrors or any reflective surfaces
• Do not expose the laser pointer to high temperature, moisture, or vibration
• Do not give the laser pointer to unauthorized persons
• Do keep the laser pointer out of the reach of children
• Do not open the device. Maintenance must only be carried out be qualified personal
• This product is a class 3R laser device (EN 60825-1:2007)
Insertion/Replacement/Disposal of Batteries
• Do only use brand new 1.5V AAA (micro) batteries of good quality
• Make sure batteries are inserted with correct polarity
• Batteries must not be short circuit or thrown into the fire
• Do not attempt to recharge the batteries
• Do not mix batteries of different charge state
As the end user, you are required by law, to return all flat batteries to your local waste
collection place. Disposal of batteries in the household waste is prohibited
 Protect your environment
Operation
Do never point the laser beam directly at persons/animals/vehicles
• The laser pointer is switched ON and OFF by means of a push button (2)
• If the push button (2) is pressed, the laser radiation emits through the laser outlet (1)
• If the push button (2) is released, the laser radiation is stopped
• This laser pointer has been designed for intermittent use. If operated over 3 minutes
continually, the temperature of the laser diode may exceed critical threshold, thereby
negatively affecting the laser pointers performance and life time
Disposal
Disposal of an unserviceable product has to be made in accordance with the relevant
statutory regulations effective in your country
© All Rights Reserved
The above specifications are for reference purpose only and subjected to change without prior notice



Html Pages

1 2