| Moteur de recherche de fiches techniques de composants électroniques |
|
LP-450 Fiches technique(PDF) 2 Page - Roithner LaserTechnik GmbH |
|
|
|||||||||||||||||||||||||||||
LP-450 Fiches technique(HTML) 2 Page - Roithner LaserTechnik GmbH |
|
2 / 2 page ![]() 04.12.2012 LP-450 series 2 of 2 LP-450 series contains • Laser pointer • Switch key • 2x AAA batteries • Aluminum case Battery installation Precaution for Use 1. Cautions • This high power laser pointer must be cooled ! • DO NOT look directly into the laser beam during operation! Direct eye contact may cause eye injury and should be avoided at all cost. 2. Heat Generation • Please consider the heat generation of the laser pointer under operation. It is necessary to avoid intense heat generation and operate within the maximum ratings given in the specification. • The operating time of 30 seconds should not be exceed ! 3. Storage • Please avoid fouling on laser pointer, especially at laser output aperture. • Remove batteries, if laser pointer will not be used for a while. Front Cap Power Switch End Cap |