| Moteur de recherche de fiches techniques de composants électroniques |
|
SA18 Fiches technique(PDF) 4 Page - Taiwan Semiconductor Company, Ltd |
|
|
|||||||||||||||||||||||||||||
SA18 Fiches technique(HTML) 4 Page - Taiwan Semiconductor Company, Ltd |
|
4 / 6 page ![]() IT VWM ID IPPM Vc VBR mA V μAA V mV / oC Min. Max. (Note 2) SA36 40.0 48.9 1 36 1 8.1 64.5 46 SA36A 40.0 44.2 1 36.0 1 9.0 58.1 41 SA40 44.4 54.3 1 40 1 7.3 71.4 51 SA40A 44.4 49.1 1 40 1 8.1 64.5 46 SA43 47.8 58.4 1 43 1 6.8 76.7 55 SA43A 47.8 52.8 1 43 1 7.5 69.4 50 SA45 50.0 61.1 1 45 1 6.5 80.3 58 SA45A 50.0 55.3 1 45 1 7.2 72.7 52 SA48 53.3 65.2 1 48 1 6.1 85.5 63 SA48A 53.3 58.9 1 48 1 6.7 77.4 56 SA51 56.7 69.3 1 51 1 5.7 91.1 66 SA51A 56.7 62.7 1 51 1 6.3 82.4 61 SA54 60.0 73.3 1 54 1 5.4 86.3 71 SA54A 60.0 66.3 1 54 1 6.0 87.1 65 SA58 64.4 78.7 1 58 1 5.0 103 78 SA58A 64.4 71.2 1 58 1 5.6 93.6 70 SA60 66.7 81.5 1 60 1 4.9 107 80 SA60A 66.7 73.7 1 60 1 5.4 96.8 71 SA64 71.1 86.9 1 64 1 4.6 114 86 SA64A 71.1 78.6 1 64 1 5.0 103 76 SA70 77.8 95.1 1 70 1 4.2 125 94 SA70A 77.8 86.0 1 70 1 4.6 113 85 SA75 83.3 102 1 75 1 3.9 134 101 SA75A 83.3 92.1 1 75 1 4.3 121 91 SA78 86.7 103 1 78 1 3.7 139 105 SA78A 86.7 95.8 1 78 1 4.1 126 95 SA85 94.4 115 1 85 1 3.4 151 114 SA85A 94.4 104 1 85 1 3.8 137 103 SA90 100 122 1 90 1 3.2 160 121 SA90A 100 111 1 90 1 3.5 146 110 SA100 111 136 1 100 1 2.9 179 135 SA100A 111 123 1 100 1 3.2 162 123 SA110 122 149 1 110 1 2.6 196 148 SA110A 122 135 1 110 1 2.9 177 133 SA120 133 163 1 120 1 2.4 214 162 SA120A 133 147 1 120 1 2.7 193 146 SA130 144 176 1 130 1 2.2 230 175 SA130A 144 159 1 130 1 2.5 209 158 SA150 167 204 1 150 1 1.9 268 203 SA150A 167 185 1 150 1 2.1 243 184 SA160 178 218 1 160 1 2.0 257 217 SA160A 178 197 1 160 1 2.0 259 196 SA170 189 231 1 170 1 1.7 304 230 SA170A 189 209 1 170 1 0.1 275 208 Notes: 1. VBR measure after IT applied for 300us, IT=square wave pulse or equivalent. 2. Surge current waveform per Figure. 3 and derate per Figure. 2. 3. For bipolar types having VWM of 10 volts and under, the ID limit is doubled. 4. All terms and symbols are consistent with ANSI/IEEE C62.35. Document Number: DS_D1406029 Version: I14 Maximum Peak Surge Current SA SERIES Taiwan Semiconductor Maximum Reverse Leakage @ VWM General Part Number VBR V Breakdown Voltage (Note 1) Stand-Off Voltage Test Current Maximum Temperature Coefficient Maximum Clamping Voltage @ IPPM |