| Moteur de recherche de fiches techniques de composants électroniques |
|
LTC1283CS Fiches technique(PDF) 23 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1283CS Fiches technique(HTML) 23 Page - Linear Technology |
|
23 / 24 page ![]() 23 LTC1283 S APPLICATI TYPICAL MNEMONIC DESCRIPTION LDA #$50 CONFIGURATION DATA FOR SPCR STA $0A LOAD CONFIGURATION DATA INTO $0A LDA #$FF CONFIGURATION DATA FOR PORT C DDR STA $06 LOAD CONFIGURATION DATA INTO PORT C DDR BSET 0, $02 MAKE SURE CS IS HIGH JSR READ –/+ DUMMY READ CONFIGURES LTC1283 FOR NEXT READ JSR READ +/– READ CH6 WITH RESPECT TO CH7 JSR READ –/+ READ CH7 WITH RESPECT TO CH6 JSR CHK SIGN DETERMINES WHICH READING HAS VALID DATA, CONVERTS TO 2’s COMPLEMENT AND STORES IN RAM READ – / +: LDA #$3F LOAD DIN WORD FOR LTC1283 INTO ACC JSR TRANSFER READ LTC1283 ROUTINE LDA $60 LOAD MSBs FROM LTC1283 INTO ACC STA $71 STORE MSBs IN $71 LDA $61 LOAD LSBs FROM LTC1283 INTO ACC STA $72 STORE LSBs IN $72 RTS RETURN Read + / –: LDA #$7F LOAD DIN WORD FOR LTC1283 INTO ACC JSR TRANSFER READ LTC1283 ROUTINE LDA $60 LOAD MSBs FROM LTC1283 INTO ACC STA $73 STORE MSBs IN $73 LDA $61 LOAD LSBs FROM LTC1283 INTO ACC STA $74 STORE LSBs IN $74 RTS RETURN TRANSFER: BCLR 0, $02 CS GOES LOW STA $0C LOAD DIN INTO SPI. START TRANSFER LOOP 1: TST $0B TEST STATUS OF SPIF BPL LOOP 1 LOOP TO PREVIOUS INSTRUCTION IF NOT DONE LDA $0C LOAD CONTENTS OF SPI DATA REG. INTO ACC STA $0C START NEXT CYCLE STA $60 STORE MSBs IN $60 MNEMONIC DESCRIPTION LOOP 2: TST $0B TEST STATUS OF SPIF BPL LOOP 2 LOOP TO PREVIOUS INSTRUCTION IF NOT DONE BSET 0, $02 CS GOES HIGH LDA $0C LOAD CONTENTS OF SPI DATA REG. INTO ACC STA $61 STORE LSBs IN $61 RTS RETURN CHK SIGN: LDA $73 LOAD MSBs OF +/– READ INTO ACC ORA $74 OR ACC (MSBs) WITH LSBs OF +/– read BEQ MINUS IF RESULT IS 0 GOTO MINUS CLC CLEAR CARRY ROR $73 ROTATE RIGHT $73 THROUGH CARRY ROR $74 ROTATE RIGHT $74 THROUGH CARRY LDA $73 LOAD MSBs OF +/– READ INTO ACC STA $77 STORE MSBs IN RAM LOCATION $77 LDA $74 LOAD LSBs OF +/– READ INTO ACC STA $87 STORE LSBs IN RAM LOCATION $87 BRA END GOTO END OF ROUTINE MINUS: CLC CLEAR CARRY ROR $71 SHIFT MSBs OF –/+ READ RIGHT ROR $72 SHIFT LSBs –/+ READ RIGHT COM $71 1’s COMPLEMENT OF MSBs COM $72 1’s COMPLEMENT OF LSBs LDA $72 LOAD LSBs INTO ACC ADD #$01 ADD 1 TO LSBs STA $72 STORE ACC IN $72 CLRA CLEAR ACC ADC $71 ADD WITH CARRY TO MSBs. RESULT IN ACC STA $71 STORE ACC IN $71 STA $77 STORE MSBs IN RAM LOCATION $77 LDA $72 LOAD LSBs IN ACC STA $87 STORE LSBs IN RAM LOCATION $87 END: RTS RETURN Sneak-A-Bit Code for the LTC1283 Using the MC68HC05C4 Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen- tation that the interconnection of circuits as described herein will not infringe on existing patent rights. |