Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX85C12 Fiches technique(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No de pièce BZX85C12
Description  5% Tolerance Zener Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX85C12 Fiches technique(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZX85C12 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX85C12 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX85C12 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZX85C12 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS ( T
A= 25
oC unless otherwise noted )
Min
Nom
Max
BZX85C3V3 BZX85C3V3
3.1
3.3
3.5
80
20
1
400
40
1
BZX85C3V6 BZX85C3V6
3.4
3.6
3.8
60
20
1
500
20
1
BZX85C3V9 BZX85C3V9
3.7
3.9
4.1
60
15
1
500
20
1
BZX85C4V3 BZX85C4V3
4.0
4.3
4.6
50
13
1
500
3
1
BZX85C4V7 BZX85C4V7
4.4
4.7
5.0
45
13
1
500
3
1
BZX85C5V1 BZX85C5V1
4.8
5.1
5.4
45
10
1
500
1
1.5
BZX85C5V6 BZX85C5V6
5.2
5.6
6.0
45
7
1
400
1
2
BZX85C6V2 BZX85C6V2
5.8
6.2
6.6
35
4
1
300
1
3
BZX85C6V8 BZX85C6V8
6.4
6.8
7.2
35
3.5
1
300
1
4
BZX85C7V5 BZX85C7V5
7.0
7.5
7.9
35
3
0.5
200
1
4.5
BZX85C8V2 BZX85C8V2
7.7
8.2
8.7
25
5
0.5
200
1
6.2
BZX85C9V1 BZX85C9V1
8.5
9.1
9.6
25
5
0.5
200
1
6.9
BZX85C10
BZX85C10
9.4
10
10.6
25
7
0.5
200
0.5
7.5
BZX85C11
BZX85C11
10.4
11
11.6
20
8
0.5
300
0.5
8.2
BZX85C12
BZX85C12
11.4
12
12.7
20
9
0.5
350
0.5
9.1
BZX85C13
BZX85C13
12.4
13
14.1
20
10
0.5
400
0.5
10
BZX85C15
BZX85C15
13.8
15
15.6
15
15
0.5
500
0.5
11
BZX85C16
BZX85C16
15.3
16
17.1
15
15
0.5
500
0.5
12
BZX85C18
BZX85C18
16.8
18
19.1
15
20
0.5
500
0.5
13
BZX85C20
BZX85C20
18.8
20
21.2
10
24
0.5
600
0.5
15
BZX85C22
BZX85C22
20.8
22
23.3
10
25
0.5
600
0.5
16
BZX85C24
BZX85C24
22.8
24
25.6
10
25
0.5
600
0.5
18
BZX85C27
BZX85C27
25.1
27
28.9
8
30
0.25
750
0.5
20
BZX85C30
BZX85C30
28.0
30
32.0
8
30
0.25
1000
0.5
22
BZX85C33
BZX85C33
31.0
33
35.0
8
35
0.25
1000
0.5
24
BZX85C36
BZX85C36
34.0
36
38.0
8
40
0.25
1000
0.5
25
BZX85C39
BZX85C39
37.0
39
41.0
6
45
0.25
1000
0.5
27
BZX85C43
BZX85C43
40.0
43
46.0
6
50
0.25
1000
0.5
30
BZX85C47
BZX85C47
44.0
47
50.0
4
90
0.25
1500
0.5
33
BZX85C51
BZX85C51
48.0
51
54.0
4
115
0.25
1500
0.5
36
BZX85C56
BZX85C56
52.0
56
60.0
4
120
0.25
2000
0.5
39
Notes: 1. The Zener Voltage (VZ) is tested under pulse condition of 10ms.
2. The device numbers listed have a standard tolerance on the nomial zener voltage of ±5%.
3. For detailed information on price, availability and delivery of nominal zener voltages between the voltages
shown and tighter voltage tolerances, contact your nearest Taiwan Semiconductor representative.
4. The Zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having
an RMS value equal to 10% of the dc zener current(IZT or IZK) is superimposed to IZT or IZK.
Document Number: DS_S1408015
Version: F14
BZX85C3V3 thru BZX85C56
Taiwan Semiconductor
Small Signal Product
Part Number
Marking
Code
VZ @ IZT (Volt)
IZT
(mA)
VR
(V)
ZZT @ IZT (Ω)
Max
IZK
(mA)
ZZK @ IZK (Ω)
Max
IR @ VR(μA)
Max



Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com