| Moteur de recherche de fiches techniques de composants électroniques |
|
LTC1276AC Fiches technique(PDF) 18 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1276AC Fiches technique(HTML) 18 Page - Linear Technology |
|
18 / 24 page ![]() 18 LTC1273 LTC1275/LTC1276 S APPLICATI I FOR ATIO OLD DATA DB7-DB0 NEW DATA DB11-DB8 TRACK HOLD DATA BUSY RD CS RD LTC1272 • TA16 t8 t1 t2 t3 tCONV t11 t9 t8 t9 t5 t1 t4 t5 t10 t3 t7 t3 t7 t12 t12 HBEN t7 t4 t1 t8 t9 NEW DATA DB7-DB0 t2 t4 t5 Figure 16. ROM Mode Two Byte Read Timing Diagram Table 5. ROM Mode, Two Byte Read Data Bus Status Data Outputs D7 D6 D5 D4 D3/11 D2/10 D1/9 D0/8 First Read (Old Data) DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Second Read (New Data) Low Low Low Low DB11 DB10 DB9 DB8 Third Read (New Data) DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 HOLD t12 t7 TRACK DATA t3 t7 t3 t2 tCONV tCONV t11 t1 t4 t5 t4 t1 t5 t2 t12 OLD DATA DB11-DB0 NEW DATA DB11-DB0 BUSY RD CS LTC1273/75/76 • F15 Table 4. ROM Mode, Parallel Read Data Bus Status Data Outputs D11 D10 D9 D8 D7 D6 D5 D4 D3/11 D2/10 D1/9 D0/8 First Read (Old Data) DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Second Read DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Figure 15. ROM Mode, Parallel Read Timing Diagram (HBEN = LOW) |