| Moteur de recherche de fiches techniques de composants électroniques |
|
LTC1098AC Fiches technique(PDF) 23 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1098AC Fiches technique(HTML) 23 Page - Linear Technology |
|
23 / 28 page ![]() 23 LTC1096/LTC1096L LTC1098/LTC1098L S APPLICATI TYPICAL MPU TRANSMIT WORD CS CLK DOUT MPU RECEIVED WORD DIN 00 0 1 ODD/ SIGN MSBF X SGL/ DIFF XXXXXXXX START BIT BYTE 1 BYTE 2 (DUMMY) X = DON'T CARE START SGL/ DIFF DON'T CARE B7 B6 B5 B4 B3 B2 B1 B0 ODD/ SIGN MSBF ?? ?? ? ? ?0 B7 B6 B5 B4 B3 B2 B1 B0 2ND TRANSFER 1ST TRANSFER LTC1096/8 • TA03 Data Exchange Between LTC1098(L) and MC68HC05C4 Hardware and Software Interface to Motorola MC68HC05C4 LTC1096/8 • TA04 CLK DIN CS ANALOG INPUTS C0 SCK DOUT MISO MOSI MC68HC05C4 LTC1098 LOCATION A + 1 LSB LOCATION A BYTE 2 BYTE 1 LTC1096/8 • TA05 B7 B6 B5 B4 B3 B2 B1 B0 00 00 0 0 00 DOUT from LTC1098(L) Stored in MC68HC05C4 LABEL MNEMONIC COMMENTS START BCLRn Bit 0 Port C goes low (CS goes low) LDA Load LTC1098(L) DIN word into Acc. STA Load LTC1098(L) DIN word into SPI from Acc. Transfer begins. TST Test status of SPIF BPL Loop to previous instruction if not done with transfer LDA Load contents of SPI data register into Acc. (DOUT MSBs) STA Start next SPI cycle AND Clear the first DOUT word STA Store in memory location A (MSBs) TST Test status of SPIF BPL Loop to previous instruction if not done with transfer BSETn Set B0 of Port C (CS goes high) LDA Load contents of SPI data register into Acc. (DOUT LSBs) STA Store in memory location A + 1 (LSBs) |