| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD754304GS Fiches technique(PDF) 2 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD754304GS Fiches technique(HTML) 2 Page - NEC |
|
2 / 74 page ![]() µPD754302, 754304, 754302(A), 754304(A) 2 ORDERING INFORMATION Parts Number Package Quality Grade µPD754302GS-××× 36-pin plastic shrink SOP (300 mil, 0.8 mm pitch) Standard µPD754304GS-××× 36-pin plastic shrink SOP (300 mil, 0.8 mm pitch) Standard µPD754302GS(A)-××× 36-pin plastic shrink SOP (300 mil, 0.8 mm pitch) Special µPD754304GS(A)-××× 36-pin plastic shrink SOP (300 mil, 0.8 mm pitch) Special Remark × indicates a ROM code number. Difference between µPD75430× and µPD75430×(A) Parts Number µPD754302 µPD754302(A) Item µPD754304 µPD754304(A) Quality grade Standard Special Please refer to "Quality Grades on NEC Semiconductor Devices" (Document No. C11531E) published by NEC Corporation to know the specification of quality grade on the devices and its recommended applications. |