Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTC1046CS8 Fiches technique(PDF) 9 Page - Linear Technology

No de pièce LTC1046CS8
Description  ?쏧nductorless??5V to 5V Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTC1046CS8 Fiches technique(HTML) 9 Page - Linear Technology

Back Button LTC1046CS8 Datasheet HTML 4Page - Linear Technology LTC1046CS8 Datasheet HTML 5Page - Linear Technology LTC1046CS8 Datasheet HTML 6Page - Linear Technology LTC1046CS8 Datasheet HTML 7Page - Linear Technology LTC1046CS8 Datasheet HTML 8Page - Linear Technology LTC1046CS8 Datasheet HTML 9Page - Linear Technology LTC1046CS8 Datasheet HTML 10Page - Linear Technology LTC1046CS8 Datasheet HTML 11Page - Linear Technology LTC1046CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1046
PACKAGE DESCRIPTIO
Dimensions in inches (milimeters) unless otherwise noted.
J8 Package
8-Lead CERDIP (Narrow 0.300, Hermetic)
(LTC DWG # 05-08-1110)
J8 1298
0.014 – 0.026
(0.360 – 0.660)
0.200
(5.080)
MAX
0.015 – 0.060
(0.381 – 1.524)
0.125
3.175
MIN
0.100
(2.54)
BSC
0.300 BSC
(0.762 BSC)
0.008 – 0.018
(0.203 – 0.457)
0
° – 15°
0.005
(0.127)
MIN
0.405
(10.287)
MAX
0.220 – 0.310
(5.588 – 7.874)
12
3
4
87
65
0.025
(0.635)
RAD TYP
0.045 – 0.068
(1.143 – 1.727)
FULL LEAD
OPTION
0.023 – 0.045
(0.584 – 1.143)
HALF LEAD
OPTION
CORNER LEADS OPTION
(4 PLCS)
0.045 – 0.065
(1.143 – 1.651)
NOTE: LEAD DIMENSIONS APPLY TO SOLDER DIP/PLATE
OR TIN PLATE LEADS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12