| Moteur de recherche de fiches techniques de composants électroniques |
|
BAV5004LP Fiches technique(PDF) 3 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
BAV5004LP Fiches technique(HTML) 3 Page - Diodes Incorporated |
|
3 / 4 page ![]() BAV5004LP Document number: DS32181 Rev. 5 - 2 3 of 4 www.diodes.com April 2012 © Diodes Incorporated BAV5004LP 100,000 10,000 1,000 100 10 1 0.1 050 100 150 200 250 300 350 400 V , INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 3 Typical Reverse Characteristics R T = 25 C A ° T = -55 C A ° T = 8 C A ° 5 T = 12 C A ° 5 T = 1 0 C A ° 5 0.5 0.6 0.7 0.8 0.9 110 100 1.0 V , DC REVERSE VOLTAGE (V) R Fig. 4 Typical Total Capacitance vs. Reverse Voltage Package Outline Dimensions Suggested Pad Layout X1-DFN1006-2 Dim Min Max Typ A 0.47 0.53 0.50 A1 0 0.05 0.03 b 0.45 0.55 0.50 D 0.95 1.075 1.00 E 0.55 0.675 0.60 e - - 0.40 L 0.20 0.30 0.25 R 0.05 0.15 0.10 All Dimensions in mm Dimensions Value (in mm) Z 1.1 G 0.3 X 0.7 Y 0.4 C 0.7 L E b R e D A1 A Z X C G Y |