| Moteur de recherche de fiches techniques de composants électroniques |
|
LTC1046M Fiches technique(PDF) 2 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1046M Fiches technique(HTML) 2 Page - Linear Technology |
|
2 / 12 page ![]() LTC1046 2 A G A U A R BSOLUTEXI TI S ORDER PART NUMBER ELECTRICAL C C HARA TERISTICS The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. V+ = 5V, COSC = 0pF, unless otherwise noted. LTC1046C LTC1046I/M SYMBOL PARAMETER CONDITIONS MIN TYP MAX MIN TYP MAX UNITS IS Supply Current RL = ∞, Pins 1 and 7 No Connection 165 300 165 300 µA RL = ∞, Pins 1 and 7 No Connection, 35 35 µA V+ = 3V V+L Minimum Supply Voltage RL = 5kΩ q 1.5 1.5 V V+H Maximum Supply Voltage RL = 5kΩ q 66 V ROUT Output Resistance V+ = 5V, IL = 50mA (Note 3) 27 35 27 35 Ω q 27 45 27 50 Ω V+ = 2V, IL = 10mA q 60 85 60 90 Ω fOSC Oscillator Frequency V+ = 5V (Note 4) 20 30 20 30 kHz V+ = 2V 4 5.5 4 5.5 kHz PEFF Power Efficiency RL = 2.4kΩ 95 97 95 97 % VOUTEFF Voltage Conversion RL = ∞ 97 99.9 97 99.9 % Efficiency IOSC Oscillator Sink or Source VOSC = 0V or V+ Current Pin 1 = 0V q 4.2 35 4.2 40 µA Pin 1 = V+ q 15 45 15 50 µA (Note 1) Supply Voltage ....................................................... 6.5V Input Voltage on Pins 1, 6 and 7 (Note 2) ............................ – 0.3 < VIN < (V +) +0.3V Current into Pin 6 .................................................. 20 µA Output Short Circuit Duration (V + ≤ 6V) ...............................................Continuous Operating Temperature Range LTC1046C .................................... 0 °C ≤ TA ≤ 70°C LTC1046I ................................. – 40 °C ≤ TA ≤ 85°C LTC1046M .................................... – 55 °C to 125°C Storage Temperature Range ............... – 65 °C to +150°C Lead Temperature (Soldering, 10 sec.)................. 300 °C PACKAGE/ORDER I FOR ATIO Note 1: Absolute Maximum Ratings are those values beyond which the life of the device may be impaired. Note 2: Connecting any input terminal to voltages greater than V+ or less than ground may cause destructive latch-up. It is recommended that no inputs from sources operating from external supplies be applied prior to power-up of the LTC1046. Note 3: ROUT is measured at TJ = 25°C immediately after power-on. Note 4: fOSC is tested with COSC = 100pF to minimize the effects of test fixture capacitance loading. The 0pF frequency is correlated to this 100pF test point, and is intended to simulate the capacitance at pin 7 when the device is plugged into a test socket and no external capacitor is used. LTC1046CN8 LTC1046CS8 LTC1046IN8 LTC1046IS8 LTC1046MJ8 S8 PART MARKING 1046 1046I 1 2 3 4 8 7 6 5 TOP VIEW V + OSC LV VOUT BOOST CAP + GND CAP – J8 PACKAGE 8-LEAD CERDIP N8 PACKAGE 8-LEAD PDIP S8 PACKAGE 8-LEAD PLASTIC SO TJMAX = 160°C, θJA = 100°C (J8) TJMAX = 110°C, θJA = 130°C (N8) TJMAX = 150°C, θJA = 150°C (S8) |