Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APCD-780-06-C2 Fiches technique(PDF) 2 Page - Roithner LaserTechnik GmbH

No de pièce APCD-780-06-C2
Description  IR diode laser module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROITHNER [Roithner LaserTechnik GmbH]
Site Internet  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

APCD-780-06-C2 Fiches technique(HTML) 2 Page - Roithner LaserTechnik GmbH

  APCD-780-06-C2 Datasheet HTML 1Page - Roithner LaserTechnik GmbH APCD-780-06-C2 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
09.09.2011
APCD-780-06-C2
2 of 2
Electrical Connection :
Outline Dimension :
Unit: mm
Cautions
1. Do not operate the device above the macimum rating condition, even momentarily. It may
cause unexpected permanent damage to the device.
2. Semiconductor laser device is very sensitive to electrostatic discharge. High voltage spike
current may change the characteristics of the device, or malfunction at any time during its
sercice periode. Therefor, proper measures for precenting electrostatic discharge are strongly
recommended.
3. Do not look into the laser beam directly with the naked eyes. The laser beam may cause
severe damage to human eyes.



Html Pages

1 2