Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD754264 Fiches technique(PDF) 13 Page - NEC

No de pièce UPD754264
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD754264 Fiches technique(HTML) 13 Page - NEC

Back Button UPD754264 Datasheet HTML 9Page - NEC UPD754264 Datasheet HTML 10Page - NEC UPD754264 Datasheet HTML 11Page - NEC UPD754264 Datasheet HTML 12Page - NEC UPD754264 Datasheet HTML 13Page - NEC UPD754264 Datasheet HTML 14Page - NEC UPD754264 Datasheet HTML 15Page - NEC UPD754264 Datasheet HTML 16Page - NEC UPD754264 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
13
µPD754264
5. MEMORY CONFIGURATION
• Program memory (ROM) • • • 4096
× 8 bits
• Addresses 0000H and 0001H
Vector table wherein the program start address and the values set for the RBE and MBE at the time a RESET
signal is generated are written. Reset and start are possible at an arbitrary address.
• Addresses 0002H to 000FH
Vector table wherein the program start address and values set for the RBE and MBE by the vectored interrupts
are written. Interrupt service can be started at an arbitrary address.
• Addresses 0020H to 007FH
Table area referenced by the GETI instructionNote.
Note The GETI instruction realizes a 1-byte instruction on behalf of an arbitrary 2-byte instruction, 3-byte
instruction, or two 1-byte instructions. It is used to decrease the program steps.
• Data memory
• Data area
Static RAM
• • • 128 words
× 4 bits (000H to 07FH)
EEPROM
• • •
32 words
× 8 bits (400H to 43FH)
• Peripheral hardware area
• • • 128 words
× 4 bits (F80H to FFFH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68