| Moteur de recherche de fiches techniques de composants électroniques |
|
LT1399HVCS Fiches technique(PDF) 8 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1399HVCS Fiches technique(HTML) 8 Page - Linear Technology |
|
8 / 16 page ![]() 8 LT1398/LT1399/LT1399HV CC HARA TERISTICS A TYPICALPERFOR CE Input Offset Voltage vs Temperature Input Bias Currents vs Temperature All Hostile Crosstalk Propagation Delay Rise Time and Overshoot All Hostile Crosstalk (Disabled) AMBIENT TEMPERATURE ( °C) –50 2.5 25 1398/1399 G19 1.0 0 –25 0 50 – 0.5 –1.0 3.0 2.0 1.5 0.5 75 100 125 VS = ± 5V AMBIENT TEMPERATURE ( °C) –50 6 9 IB + IB – 15 25 75 1398/99 G20 3 0 –25 0 50 100 125 –3 –6 12 VS = ± 5V FREQUENCY (Hz) –70 –10 0 –80 –90 –20 –50 –30 –40 –60 100k 10M 100M 500M 1398/1399 G21 –100 1M RF = RG = 324Ω RL = 100Ω AV = +2 R G B INPUT 100mV/DIV OUTPUT 200mV/DIV tPD = 2.5ns TIME (500ps/DIV) AV = +2 RL = 100Ω RF = RG = 324Ω VOUT 200mV/DIV OS = 10% tr = 1.3ns TIME (500ps/DIV) AV = +2 RL = 100Ω RF = RG = 324Ω FREQUENCY (Hz) –70 –10 –80 –90 –20 –50 –30 –40 –60 100k 10M 100M 500M 1398/1399 G24 –100 –110 1M RF = RG = 324Ω RL = 100Ω AV = +2 R G B 1398/1399 G22 1398/1399 G23 |