Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MBD4448HTW Fiches technique(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No de pièce MBD4448HTW
Description  Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBD4448HTW Fiches technique(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MBD4448HTW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBD4448HTW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBD4448HTW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBD4448HTW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBD4448HAQW/HADW/HCDW/HSDW/HTW
DIMENSIONS
Min
Max
Min
Max
A
2.00
2.20
0.079
0.087
B
1.15
1.35
0.045
0.053
C
0.15
0.35
0.006
0.014
D
1.20
1.40
0.047
0.055
E
2.15
2.45
0.085
0.096
F
0.85
1.05
0.033
0.041
G
0.25
0.46
0.010
0.018
H
0.00
0.10
0.000
0.004
SUGGESTED PAD LAYOUT
Z
G
X
Y
C1
C2
PIN CONFIGURATION
Document Number: DS_S1501009
Version: C15
0.80
0.031
2.40
0.094
0.95
0.037
3.20
0.126
1.60
0.063
0.55
0.022
DIM.
Unit (mm)
Unit (inch)
DIM.
Unit (mm)
Unit (inch)
Typ.
Typ.
Taiwan Semiconductor
Small Signal Product
ORDER INFORMATION (EXAMPLE)
SOT-363
MBD4448HAQW RFG
Green compound code
Packing code
Part no.
B
A
C
D
G
F
E
H



Html Pages

1 2 3 4