| Moteur de recherche de fiches techniques de composants électroniques |
|
LT1187CS8 Fiches technique(PDF) 5 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1187CS8 Fiches technique(HTML) 5 Page - Linear Technology |
|
5 / 12 page ![]() 5 LT1187 CC HARA TERISTICS A TYPICALPERFOR CE Input Bias Current vs Common-Mode Voltage vs Common-Mode Voltage Input Bias Current vs Temperature Temperature COMMON-MODE VOLTAGE (V) –5 –0.5 0 0.5 1.5 2.5 –3 0 2 4 LT1187 • TPC01 –4 –2 1 3 125°C –55°C 25°C VS = ±5V –1 5 1.0 2.0 3.0 TEMPERATURE (°C) –50 – 400 –300 –200 –100 0 100 0 25 75 125 LT1187 • TPC02 –25 50 100 +IB –IB IOS Equivalent Input Noise Voltage vs Equivalent Input Noise Current vs Frequency Frequency Supply Current vs Supply Voltage FREQUENCY (Hz) 300 400 500 10 1k 10k 100k LT1187 • TPC04 0 100 200 VS = ±5V TA = 25°C RS = 0Ω 100 600 ±SUPPLY VOLTAGE (V) 0 8 12 14 16 246 10 LT1187 • TPC06 8 – 55°C 25°C 125°C 10 Shutdown Supply Current vs Temperature Gain Error vs Temperature Open-Loop Gain vs Temperature TEMPERATURE (°C) –50 0 2 3 4 5 6 0 25 75 125 LT1187 • TPC07 1 –25 50 100 VS/D = –VEE + 0.6V VS/D = –VEE VS/D = –VEE + 0.4V VS/D = –VEE + 0.2V VS = ±5V TEMPERATURE (°C) LT1187 • TPC08 –50 –0.20 –0.10 –0.05 0 0 50 100 125 –0.15 –25 25 75 VS = ±5V VOUT = ±2V AV = 10 RL = 1k 0 2 4 6 8 TEMPERATURE (°C) –50 0 50 100 125 LT1187 • TPC09 –25 25 75 RL = 1k RL = 500Ω VS = ±5V VO = ±3V FREQUENCY (Hz) 2 12 10 1k 10k 100k LT1187 • TPC05 0 100 6 4 8 10 VS = ±5V TA = 25°C RS = 100k TEMPERATURE (°C) 2.0 V+ – 50 25 75 125 LT1187 • TPC03 V – 0 1.0 –1.0 –2.0 –0.5 –1.5 1.5 0.5 –25 50 100 V+ = 1.8V TO 9V V+ = –1.8V TO –9V |