| Moteur de recherche de fiches techniques de composants électroniques |
|
LT1079SW Fiches technique(PDF) 8 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1079SW Fiches technique(HTML) 8 Page - Linear Technology |
|
8 / 20 page ![]() 8 LT1078/LT1079 TYPICAL PERFORMANCE CHARACTERISTICS LOAD RESISTANCE TO GROUND ( Ω) 100 100k 1M 10M 10k 100k 1k 1M LT1078/79 • TPC18 25 °C –55 °C 125 °C 25 °C –55 °C 125 °C VS = ±15V VS = 5V, 0V Minimum Supply Voltage POSITIVE SUPPLY VOLTAGE (V) 0 100 0 –100 –200 –300 –400 –500 LT1078/79 • TPC16 1 23 V– = 0V –0.1V ≤ VCM ≤ 0.4V 125 °C –55 °C 0 °C 25 °C 70 °C NONFUNCTIONAL Voltage Gain vs Frequency FREQUENCY (Hz) 0.01 1M LT1078/79 • TPC10 1 100 10k 140 120 100 80 60 40 20 0 –20 0.1 10 1k 100k VS = ±15V VS = 5V, 0V TA = 25°C Slew Rate, Gain Bandwidth Product and Phase Margin vs Temperature TEMPERATURE ( °C) –50 0.12 0.10 0.08 0.06 0.04 240 220 200 180 160 80 70 60 50 40 0 50 75 LT1078/79 • TPC13 –25 25 100 125 SLEW = ±15V GBW = ±15V GBW = 5V, 0V SLEW = 5V, 0V φM = ±15V φM = 5V, 0V fO = 20kHz Large-Signal Transient Response VS = 5V, 0V AV = 1, NO LOAD 50 µs/DIV INPUT PULSE 0V TO 3.8V LT1078/79 • TPC27 0V Warm-Up Drift TIME AFTER POWER-ON (MINUTES) 0 LT1078/79 • TPC17 1 2 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 3 TA = 25°C VS = ±15V WARM UP DRIFT AT VS = 5V, 0V IS IMMEASURABLY LOW LT1079 LT1078 Large-Signal Transient Response VS = ±15V AV = 1 100 µs/DIV NO LOAD LT1078/79 • TPC28 0V Voltage Gain vs Load Resistance Capacitive Load Handling CAPACITIVE LOAD (pF) 10 120 100 80 60 40 20 0 10000 LT1078/79 • TPC12 1000 100 TA = 25°C VS = 5V, 0V AV = 1 AV = 10 AV = 5 Gain, Phase vs Frequency FREQUENCY (kHz) 30 30 20 10 0 –10 100 300 LTC1078/79 TPC11 100 120 140 160 180 200 10 1000 PHASE MARGIN 66 ° PHASE MARGIN 54 ° 5V, 0V ±15V ±15V 5V, 0V TA = 25°C CL = 20pF GAIN |