| Moteur de recherche de fiches techniques de composants électroniques |
|
LT1080CSW Fiches technique(PDF) 5 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1080CSW Fiches technique(HTML) 5 Page - Linear Technology |
|
5 / 12 page ![]() 5 LT1080/LT1081 TYPICAL PERFOR A CE CHARACTERISTICS TEMPERATURE ( °C) –55 –25 0 25 50 75 100 125 1080/81 G04 3.00 2.75 2.50 2.25 2.00 1.75 1.50 1.25 1.00 0.75 0.50 INPUT HIGH INPUT LOW INPUT VOLTAGE (V) 012345 1080/81 G06 40 35 30 25 20 15 10 5 0 –5 –10 Receiver Input Thresholds Receiver Output Short-Circuit Current ON/OFF Pin Current vs Voltage TEMPERATURE ( °C) 100 10 1 0.1 1080/81 G05 OUTPUT SOURCING OUTPUT SINKING –55 –25 0 25 50 75 100 125 ON/OFF Pin Thresholds Supply Current in Shutdown Driver Output Leakage in Shutdown TEMPERATURE ( °C) –55 –25 0 25 50 75 100 125 1080/81 G07 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 MAXIMUM OFF VOLTAGE MINIMUM ON VOLTAGE TEMPERATURE ( °C) 1000 100 10 1 1080/81 G08 VCC = 5V –55 –25 0 25 50 75 100 125 TEMPERATURE ( °C) 100 10 1 0.1 1080/81 G09 VOUT = –30V VOUT = 30V –55 –25 0 25 50 75 100 125 Output Waveforms Shutdown to Receiver Output 02 µs4µs6µs8µs 0 1ms 2ms 3ms 4ms 0 1ms 2ms 3ms 4ms VCC = 5V 1080/81 G11.tiff VCC = 5V 1080/81 G11.tiff RL = 3k VCC = 5V 1080/81 G10.tiff RL = 3k 5V 0V RECEIVER OUTPUT LOW 0V –5V –10 ON/OFF INPUT 10V 5V 0V DRIVER OUTPUT HIGH INPUT 5V 0V DRIVER OUTPUT 5V 0V –5V RECEIVER OUTPUT 5V 0V Shutdown to Driver Output 6V 4V 2V 0V RECEIVER OUTPUT ON/OFF INPUT 5V 0V |