Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAV102 Fiches technique(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

No de pièce BAV102
Description  Hermetically Sealed Glass High Voltage Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV102 Fiches technique(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BAV102 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV102 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAV102 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAV102 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIMENSIONS
Min
Max
Min
Max
A
3.30
3.70
0.130
0.146
B
1.40
1.60
0.055
0.063
C
0.20
0.50
0.008
0.020
SUGGESTED PAD LAYOUT
A
B
C
D
Document Number: DS_S1501002
Version: B15
5.00
0.197
1.25
0.049
2.00
0.079
2.50
0.098
DIM.
Unit (mm)
Unit (inch)
DIM.
Unit (mm)
Unit (inch)
Typ.
Typ.
BAV100/101/102/103
Taiwan Semiconductor
Small Signal Product
ORDER INFORMATION (EXAMPLE)
MINI MELF
BAV100 L0G
Green compound code
Packing code
Part no.
C
B
A



Html Pages

1 2 3 4