| Moteur de recherche de fiches techniques de composants électroniques |
|
LT1007CS8 Fiches technique(PDF) 6 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1007CS8 Fiches technique(HTML) 6 Page - Linear Technology |
|
6 / 16 page ![]() 6 LT1007/LT1037 TYPICAL PERFORMANCE CHARACTERISTICS FREQUENCY (Hz) 0.01 180 160 140 120 100 80 60 40 20 0 –20 1007/37 G10 0.1 1 10 100 1k 10k 100k 1M 10M 100M VS = ±15V TA = 25°C RL = 2k LT1037 LT1007 Voltage Gain, RL = 2k and 600Ω SUPPLY VOLTAGE ( ±V) 0 25 20 15 10 5 0 20 1007/37 G11 5 10 15 25 TA = 25°C RL = 2k RL = 600Ω TIME AFTER POWER ON (MINUTES) 0 10 8 6 4 2 0 4 1007/37 G15 1 2 3 5 VS = ±15V TA = 25°C DUAL-IN-LINE PACKAGE PLASTIC (N8) OR CERDIP (J8) METAL CAN (H) PACKAGE Voltage Gain vs Frequency Voltage Gain vs Supply Voltage Voltage Gain vs Load Resistance LOAD RESISTANCE (k Ω) 0.1 0.3 3 25 20 15 10 5 0 110 1007/37 G13 VS = ±15V TA = 25°C Warm-Up Drift TEMPERATURE ( °C) –50 25 20 15 10 5 0 0 50 75 1007/37 G14 –25 25 100 125 RL = 2k RL = 1k RL = 600Ω VS = ±15V VOUT = ±10V VOUT = ±8V FOR TA ≥ 100°C AND RL = 600Ω Voltage Gain vs Temperature TIME (MONTHS) 0 10 5 0 –5 –10 8 1007/37 G16 2 4 6 10 0.2 µV/MONTH 0.2 µV/MONTH TREND LINE Long Term Stability of Four Representative Units SUPPLY VOLTAGE ( ±V) 0 20 1007/37 G18 5 10 15 4 3 2 1 0 125 °C 25 °C –55 °C Supply Current vs Supply Voltage Offset Voltage Drift with Temperature of Representative Units TEMPERATURE ( °C) –50 50 40 30 20 10 0 –10 –20 –30 –40 –50 0 50 75 1007/37 G17 –25 25 100 125 VS = ±15V LT1007A/LT1037A LT1007/LT1037 –1 0 1 –1 0 1 VS = ±15V TA = 25°C –15 –10 –5 0 5 10 15 OUTPUT VOLTAGE (V) MEASURED ON TEKTRONIX 178 LINEAR IC TESTER 1007/37 G12 RL = 2k RL = 600Ω |