| Moteur de recherche de fiches techniques de composants électroniques |
|
LT1007AMH Fiches technique(PDF) 8 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1007AMH Fiches technique(HTML) 8 Page - Linear Technology |
|
8 / 16 page ![]() 8 LT1007/LT1037 TYPICAL PERFORMANCE CHARACTERISTICS TEMPERATURE ( °C) –50 70 60 50 20 15 10 70 60 50 0 50 75 1007/37 G30 –25 25 100 125 SLEW GBW VS = ±15V CL = 100pF PHASE MARGIN 50mV 0V – 50mV AVCL = 5 VS = ±15V CL = 15pF 1007/37 G28 LT1037 Small-Signal Transient Response LT1037 Phase Margin, Gain Bandwidth Product, Slew Rate vs Temperature 10V 0V – 10V AVCL = 5 VS = ±15V 1007/37 G29 LT1037 Large-Signal Response FREQUENCY (MHz) 0.1 40 30 20 10 0 –10 90 100 110 120 130 140 150 160 170 180 190 1 10 100 1007/37 G32 VS = ±15V TA = 25°C CL = 100pF GAIN PHASE TEMPERATURE ( °C) –50 70 60 50 3 2 1 9 8 7 0 50 75 1007/37 G33 –25 25 100 125 SLEW GBW VS = ±15V CL = 100pF PHASE MARGIN FREQUENCY (MHz) 0.1 50 40 30 20 10 0 90 100 110 120 130 140 150 160 170 180 190 1 10 100 1007/37 G31 AV = 5 VS = ±15V TA = 25°C CL = 100pF GAIN PHASE LT1037 Gain, Phase Shift vs Frequency LT1007 Gain, Phase Shift vs Frequency 50mV 0V – 50mV AVCL = 1 VS = ±15V CL = 15pF 1007/37 G34 FREQUENCY (Hz) 28 24 20 16 12 8 4 0 1k 100k 1M 10M 1007/37 G36 10k VS = ±15V TA = 25°C LT1037 LT1007 Maximum Undistorted Output vs Frequency 5V 0V –5V AVCL = –1 VS = ±15V 1007/37 G35 LT1007 Small-Signal Transient Response LT1007 Large-Signal Response LT1007 Phase Margin, Gain Bandwidth Product, Slew Rate vs Temperature |