Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD750004CU Fiches technique(PDF) 49 Page - NEC

No de pièce UPD750004CU
Description  4 BIT SINGLE-CHIP MICROCONTROLLER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD750004CU Fiches technique(HTML) 49 Page - NEC

Back Button UPD750004CU Datasheet HTML 45Page - NEC UPD750004CU Datasheet HTML 46Page - NEC UPD750004CU Datasheet HTML 47Page - NEC UPD750004CU Datasheet HTML 48Page - NEC UPD750004CU Datasheet HTML 49Page - NEC UPD750004CU Datasheet HTML 50Page - NEC UPD750004CU Datasheet HTML 51Page - NEC UPD750004CU Datasheet HTML 52Page - NEC UPD750004CU Datasheet HTML 53Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 84 page
background image
49
µPD750004, 750006, 750008, 750004(A), 750006(A), 750008(A)
Group
Subrou-
tine stack
control
Mne-
monic
RETNote
RETSNote
Operand
Bytes
1
1
Machin-
ing
cycle
3
3
3 + S
3 + S
Skip
condition
Uncondition
Address-
ing area
Operation
•
µPD750004
PC11-0
← (SP) (SP + 3) (SP + 2)
MBE, RBE, 0, 0
← (SP + 1), SP ← SP + 4
•
µPD750006, 750008
PC11-0
← (SP) (SP + 3) (SP + 2)
MBE, RBE, 0, PC12
← (SP + 1)
SP
← SP + 4
•
µPD750004
×, ×, MBE, RBE ← (SP + 4)
0, 0, 0, 0
← (SP + 1)
PC11-0
← (SP) (SP + 3) (SP + 2)
SP
← SP + 6
•
µPD750006, 750008
×, ×, MBE, RBE ← (SP + 4)
MBE, 0, 0, PC12
← (SP + 1)
PC11-0
← (SP) (SP + 3) (SP + 2)
SP
← SP + 6
•
µPD750004
MBE, RBE, 0, 0
← (SP + 1)
PC11-0
← (SP) (SP + 3) (SP + 2)
SP
← SP + 4
then skip unconditionally
•
µPD750006, 750008
MBE, RBE, 0
← PC12 ← (SP + 1)
PC11-0
← (SP) (SP + 3) (SP + 2)
SP
← SP + 4
then skip unconditionally
•
µPD750004
0, 0, 0, 0
← (SP + 1)
PC11-0
← (SP) (SP + 3) (SP + 2)
×, ×, MBE, RBE ← (SP + 4)
SP
← SP + 6
then skip unconditionally
•
µPD750006, 750008
0, 0, 0, PC12
← (SP + 1)
PC11-0
← (SP) (SP + 3) (SP + 2)
×, ×, MBE, RBE ← (SP + 4)
SP
← SP + 4
then skip unconditionally
Note The shaded portion is supported in Mk
ΙΙ mode only. The other portions are supported in Mk Ι mode only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84