Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B0520WS Fiches technique(PDF) 2 Page - Diodes Incorporated

No de pièce B0520WS
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B0520WS Fiches technique(HTML) 2 Page - Diodes Incorporated

  B0520WS_15 Datasheet HTML 1Page - Diodes Incorporated B0520WS_15 Datasheet HTML 2Page - Diodes Incorporated B0520WS_15 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
B0520WS
0.001
0.1
0.01
100
1,000
10,000
0
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 2 Typical Reverse Characteristics
R
10
20
10
1
0.1
1
10
0.01
0.001
0
1.0
0.6
0.8
0.4
0.2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Typical Forward Characteristics
F
0
70
50
60
40
30
20
10
0
10
15
52
B0520WS
Document number: DS30235 Rev. 12 - 2
2 of 3
www.diodes.com
June 2008
© Diodes Incorporated
0
V , DC REVERSE VOLTAGE (V)
Fig. 3 Total Capacitance vs. Reverse Voltage
R
0
0.25
0.50
050
100
150
T , TERMINAL TEMPERATURE ( C)
Fig. 4 Forward Current Derating Curve
T
°
0.75
1.0
25
75
125
Ordering Information (Note 5)
Part Number
Case
Packaging
B0520WS-7-F
SOD-323
3000/Tape & Reel
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
SD
SD = Product Type Marking Code



Html Pages

1 2 3