Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M4-32/32-12VC48 Fiches technique(PDF) 2 Page - Lattice Semiconductor

No de pièce M4-32/32-12VC48
Description  High Performance E 2 CMOS In-System Programmable Logic
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LATTICE [Lattice Semiconductor]
Site Internet  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

M4-32/32-12VC48 Fiches technique(HTML) 2 Page - Lattice Semiconductor

  M4-32/32-12VC48 Datasheet HTML 1Page - Lattice Semiconductor M4-32/32-12VC48 Datasheet HTML 2Page - Lattice Semiconductor M4-32/32-12VC48 Datasheet HTML 3Page - Lattice Semiconductor M4-32/32-12VC48 Datasheet HTML 4Page - Lattice Semiconductor M4-32/32-12VC48 Datasheet HTML 5Page - Lattice Semiconductor M4-32/32-12VC48 Datasheet HTML 6Page - Lattice Semiconductor M4-32/32-12VC48 Datasheet HTML 7Page - Lattice Semiconductor M4-32/32-12VC48 Datasheet HTML 8Page - Lattice Semiconductor M4-32/32-12VC48 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
2
MACH 4 Family
Notes:
1. For information on the M4-96/96 device, please refer to the M4-96/96 data sheet at www.latticesemi.com.
2. “M4-xxx” is for 5-V devices. “M4LV-xxx” is for 3.3-V devices.
Table 1. MACH 4 Device Features1, 2
Feature
M4-32/32
M4LV-32/32
M4-64/32
M4LV-64/32
M4-96/48
M4LV-96/48
M4-128/64
M4LV-128/64
M4-128N/64
M4LV-128N/64
M4-192/96
M4LV-192/96
M4-256/128
M4LV-256/128
Macrocells
32
64
96
128
128
192
256
Maximum User I/O Pins
32
32
48
64
64
96
128
tPD (ns)
7.5
7.5
7.5
7.5
7.5
7.5
7.5
fCNT (MHz)
111
111
111
111
111
111
111
tCOS (ns)
5.5
5.5
5.5
5.5
5.5
5.5
5.5
tSS (ns)
5.5
5.5
5.5
5.5
5.5
5.5
5.5
Static Power (mA)
25
25
50
70
70
85
100
JTAG Compliant
Yes
Yes
Yes
Yes
No
Yes
Yes
PCI Compliant
Yes
Yes
Yes
Yes
Yes
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46